Part Number Hot Search : 
TEA5031D FST8080 AQT104 01926 P17NK40Z CD401 BAV99LT ASI10566
Product Description
Full Text Search
 

To Download PESD5V0L6UAS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PESD5V0L6UAS; PESD5V0L6US
Low capacitance 6-fold ESD protection diode arrays
Rev. 02 -- 9 November 2004 Product data sheet
1. Product profile
1.1 General description
Low capacitance 6-fold ESD protection diode arrays in small plastic packages designed to protect up to six transmission or data lines from the damage caused by ElectroStatic Discharge (ESD) and other transients.
Table 1: Product overview Package Name PESD5V0L6UAS PESD5V0L6US TSSOP8 SO8 Philips SOT505-1 SOT96-1
Type number
1.2 Features
s s s s ESD protection of up to six lines Low diode capacitance Max. peak pulse power: PPP = 35 W Low clamping voltage: V(CL)R = 15 V s s s s Ultra low leakage current: IRM = 8 nA ESD protection of up to 20 kV IEC 61000-4-2, level 4 (ESD) IEC 61000-4-5 (surge); IPP = 2.5 A.
1.3 Applications
s Computers and peripherals s Communication systems s Audio and video equipment s High speed data lines s Parallel ports.
1.4 Quick reference data
Table 2: Symbol VRWM Cd Quick reference data Parameter reverse stand-off voltage diode capacitance VR = 0 V; f = 1 MHz Conditions Min Typ 16 Max 5 19 Unit V pF
Philips Semiconductors
PESD5V0L6UAS; PESD5V0L6US
Low capacitance 6-fold ESD protection diode arrays
2. Pinning information
Table 3: Pin TSSOP8 1 2 3 4 5 6 7 8 SO8 1 2 3 4 5 6 7 8 cathode 1 cathode 2 cathode 3 cathode 4 cathode 5 common anode common anode cathode 6
1 4
sym004
Discrete pinning Description cathode 1 cathode 2 cathode 3 cathode 4 cathode 5 common anode common anode cathode 6
1 4
sym004
Simplified outline
Symbol
8
5
1 2 3 4
8 7 6 5
8
5
1 2 3 4
8 7 6 5
3. Ordering information
Table 4: Ordering information Package Name PESD5V0L6UAS PESD5V0L6US TSSOP8 SO8 Description plastic thin shrink small outline package; 8 leads; body width 3 mm plastic small outline package; 8 leads; body width 3.9 mm Version SOT505-1 SOT96-1 Type number
4. Marking
Table 5: Marking Marking code 5V06U 5V06US Type number PESD5V0L6UAS PESD5V0L6US
9397 750 13537
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 9 November 2004
2 of 14
Philips Semiconductors
PESD5V0L6UAS; PESD5V0L6US
Low capacitance 6-fold ESD protection diode arrays
5. Limiting values
Table 6: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Per diode PPP IPP Tj Tamb Tstg
[1] [2]
Parameter peak pulse power peak pulse current junction temperature ambient temperature storage temperature
Conditions 8/20 s pulse 8/20 s pulse
[1] [2] [1] [2]
Min -65 -65
Max 35 2.5 150 +150 +150
Unit W A C C C
Non-repetitive current pulse 8/20 s exponentially decay waveform according to IEC 61000-4-5; see Figure 1. Measured from pin 1, 2, 3, 4, 5 or 8 to pin 6 or 7.
Table 7: Symbol ESD
ESD maximum ratings Parameter electrostatic discharge capability Conditions IEC 61000-4-2 (contact discharge) HBM MIL-STD883
[1] [2]
Min -
Max 20 10
Unit kV kV
[1] [2]
Device stressed with ten non-repetitive ElectroStatic Discharge (ESD) pulses; see Figure 2. Measured from pin 1, 2, 3, 4, 5 or 8 to pin 6 or 7.
Table 8:
ESD standards compliance Conditions > 15 kV (air); > 8 kV (contact) > 4 kV
ESD Standard IEC 61000-4-2, level 4 (ESD); see Figure 2 HBM MIL-STD883, class 3
9397 750 13537
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 9 November 2004
3 of 14
Philips Semiconductors
PESD5V0L6UAS; PESD5V0L6US
Low capacitance 6-fold ESD protection diode arrays
001aaa191
120 Ipp (%) 80 100 % Ipp; 8 s
001aaa630
Ipp 100 % 90 %
e-t 50 % Ipp; 20 s
40
10 % tr = 0.7 to 1 ns 0 10 20 30 t (s) 40 30 ns 60 ns t
0
Fig 1. 8/20 s pulse waveform according to IEC 61000-4-5.
Fig 2. ElectroStatic Discharge (ESD) pulse waveform according to IEC 61000-4-2.
9397 750 13537
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 9 November 2004
4 of 14
Philips Semiconductors
PESD5V0L6UAS; PESD5V0L6US
Low capacitance 6-fold ESD protection diode arrays
6. Characteristics
Table 9: Characteristics Tamb = 25 C unless otherwise specified. Symbol Per diode VRWM IRM V(CL)R V(BR) rdif Cd reverse stand-off voltage reverse leakage current clamping voltage breakdown voltage differential resistance diode capacitance VRWM = 5 V IPP = 1 A IPP = 2.5 A IR = 1 mA IR = 1 mA VR = 0 V; f = 1 MHz; see Figure 5
[1] [2] [1] [2]
Parameter
Conditions
Min 6.4 -
Typ 8 6.8 16
Max 5 25 10 15 7.2 100 19
Unit V nA V V V pF
[1] [2]
Non-repetitive current pulse 8/20 s exponentially decay waveform according to IEC 61000-4-5; see Figure 1. Measured between each cathode on pins 1, 2, 3, 4, 5 or 8 and anode on pin 6 or 7.
9397 750 13537
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 9 November 2004
5 of 14
Philips Semiconductors
PESD5V0L6UAS; PESD5V0L6US
Low capacitance 6-fold ESD protection diode arrays
102
001aaa192
1.2 Ppp
001aaa193
Ppp (W)
Ppp(25C) 0.8
10
0.4
1 1 10
102
103 tp (s)
104
0 0 50 100 150 Tj (C) 200
Tamb = 25 C.
Fig 3. Peak pulse power as a function of exponential pulse duration tp; typical values.
Fig 4. Relative variation of peak pulse power as a function of junction temperature; typical values.
001aaa195
18 Cd (pF) 16
001aaa194
10
IRM IRM(25C)
14 1 12
10
8 0 1 2 3 4 VR (V) 5
10-1 -100
-50
0
50
100 Tj (C)
150
Tamb = 25 C; f = 1 MHz.
Fig 5. Diode capacitance as a function of reverse voltage; typical values.
Fig 6. Relative variation of reverse leakage current as a function of junction temperature; typical values.
9397 750 13537
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 9 November 2004
6 of 14
Philips Semiconductors
PESD5V0L6UAS; PESD5V0L6US
Low capacitance 6-fold ESD protection diode arrays
ESD TESTER RZ CZ
450
RG 223/U 50 coax
10x ATTENUATOR
4 GHz DIGITIZING OSCILLOSCOPE 50
IEC61000-4-2 network CZ = 150 pF; RZ = 330 DUT: PESD5V0L6UAS PESD5V0L6US
vertical scale = 200 V/div horizontal scale = 50 ns/div
vertical scale = 10 V/div horizontal scale = 50 ns/div
GND
GND
unclamped +1 kV ESD voltage waveform (IEC61000-4-2 network)
clamped +1 kV ESD voltage waveform (IEC61000-4-2 network)
GND
GND
vertical scale = 200 V/div horizontal scale = 50 ns/div unclamped -1 kV ESD voltage waveform (IEC61000-4-2 network)
vertical scale = 10 V/div horizontal scale = 50 ns/div clamped -1 kV ESD voltage waveform (IEC61000-4-2 network)
006aaa064
Fig 7. ESD clamping test set-up and waveforms.
9397 750 13537
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 9 November 2004
7 of 14
Philips Semiconductors
PESD5V0L6UAS; PESD5V0L6US
Low capacitance 6-fold ESD protection diode arrays
7. Application information
The PESD5V0L6UAS and the PESD5V0L6US are designed for protection of up to six unidirectional data lines from the damage caused by ElectroStatic Discharge (ESD) and surge pulses. The PESD5V0L6UAS and the PESD5V0L6US may be used on lines where the signal polarity is above or below ground. The PESD5V0L6UAS and the PESD5V0L6US provide a surge capability of 35 W per line for a 8/20 s waveform.
high speed data lines
PESD5V0L6UAS PESD5V0L6US
PESD5V0L6UAS PESD5V0L6US
n.c. n.c.
unidirectional protection of 6 lines
bidirectional protection of 5 lines
006aaa065
Fig 8. Typical application for ESD protection of data lines.
Circuit board layout and protection device placement: Circuit board layout is critical for the suppression of ESD, EFT and surge transients. The following guidelines are recommended: 1. Place the protection device as close to the input terminal or connector as possible. 2. The path length between the protection device and the protected line should be minimized. 3. Keep parallel signal paths to a minimum. 4. Avoid running protection conductors in parallel with unprotected conductor. 5. Minimize all printed-circuit board conductive loops including power and ground loops. 6. Minimize the length of the transient return path to ground. 7. Avoid using shared transient return paths to a common ground point. 8. Ground planes should be used whenever possible. For multilayer printed-circuit boards, use ground vias.
9397 750 13537
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 9 November 2004
8 of 14
Philips Semiconductors
PESD5V0L6UAS; PESD5V0L6US
Low capacitance 6-fold ESD protection diode arrays
8. Package outline
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm SOT505-1
D
E
A
X
c y HE vMA
Z
8
5
A2 pin 1 index
A1
(A3)
A
Lp L
1
e bp
4
detail X wM
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.15 0.05 A2 0.95 0.80 A3 0.25 bp 0.45 0.25 c 0.28 0.15 D(1) 3.1 2.9 E(2) 3.1 2.9 e 0.65 HE 5.1 4.7 L 0.94 Lp 0.7 0.4 v 0.1 w 0.1 y 0.1 Z(1) 0.70 0.35 6 0
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT505-1 REFERENCES IEC JEDEC JEITA EUROPEAN PROJECTION ISSUE DATE 99-04-09 03-02-18
Fig 9. Package outline SOT505-1 (TSSOP8).
9397 750 13537 (c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 9 November 2004
9 of 14
Philips Semiconductors
PESD5V0L6UAS; PESD5V0L6US
Low capacitance 6-fold ESD protection diode arrays
SO8: plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
D
E
A X
c y HE vMA
Z 8 5
Q A2 A1 pin 1 index Lp 1 e bp 4 wM L detail X (A 3) A
0
2.5 scale
5 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches Notes 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 2. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. OUTLINE VERSION SOT96-1 REFERENCES IEC 076E03 JEDEC MS-012 JEITA EUROPEAN PROJECTION A max. 1.75 0.069 A1 0.25 0.10 A2 1.45 1.25 A3 0.25 0.01 bp 0.49 0.36 c 0.25 0.19 D (1) 5.0 4.8 0.20 0.19 E (2) 4.0 3.8 0.16 0.15 e 1.27 0.05 HE 6.2 5.8 L 1.05 Lp 1.0 0.4 Q 0.7 0.6 v 0.25 0.01 w 0.25 0.01 y 0.1 0.004 Z (1) 0.7 0.3 0.028 0.012
0.010 0.057 0.004 0.049
0.019 0.0100 0.014 0.0075
0.244 0.039 0.028 0.041 0.228 0.016 0.024
8o o 0
ISSUE DATE 99-12-27 03-02-18
Fig 10. Package outline SOT96-1 (SO8/MS-012).
9397 750 13537 (c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 9 November 2004
10 of 14
Philips Semiconductors
PESD5V0L6UAS; PESD5V0L6US
Low capacitance 6-fold ESD protection diode arrays
9. Packing information
Table 10: Packing methods The indicated -xxx are the last three digits of the 12NC ordering code. [1] Type number PESD5V0L6UAS PESD5V0L6US
[1]
Package SOT505-1 SOT96-1
Description 8 mm pitch, 12 mm tape and reel 8 mm pitch, 12 mm tape and reel
Packing quantity 1000 -115 2500 -118 -118
For further information and the availability of packing methods, see Section 14.
9397 750 13537
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 9 November 2004
11 of 14
Philips Semiconductors
PESD5V0L6UAS; PESD5V0L6US
Low capacitance 6-fold ESD protection diode arrays
10. Revision history
Table 11: Revision history Release date 20041109 Data sheet status Product data sheet Change notice Order number 9297 750 13537 Supersedes PESD5V0L6US_1 Document ID PESD5V06UAS_US_2 Modifications:
* * * *
The format of this data sheet has been redesigned to comply with the new presentation and information standard of Philips Semiconductors. PESD5V0L6UAS added Table 1: product overview added Section 9: packing information added Product specification 9397 750 12248 -
PESD5V0L6US_1
20040315
9397 750 13537
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 9 November 2004
12 of 14
Philips Semiconductors
PESD5V0L6UAS; PESD5V0L6US
Low capacitance 6-fold ESD protection diode arrays
11. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
12. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
13. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
14. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
9397 750 13537
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 9 November 2004
13 of 14
Philips Semiconductors
PESD5V0L6UAS; PESD5V0L6US
Low capacitance 6-fold ESD protection diode arrays
15. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 11 12 13 14 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data. . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Application information. . . . . . . . . . . . . . . . . . . 8 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 Packing information. . . . . . . . . . . . . . . . . . . . . 11 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 12 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 13 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Contact information . . . . . . . . . . . . . . . . . . . . 13
(c) Koninklijke Philips Electronics N.V. 2004
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 9 November 2004 Document order number: 9397 750 13537
Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of PESD5V0L6UAS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X